Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B80C 3700/2200 Datasheet (PDF) - Diotec Semiconductor

B80C 3700/2200 Datasheet PDF - Diotec Semiconductor
Part # B80C 3700/2200
Download  B80C 3700/2200 Download
File Size   108.0 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge-Rectifiers

B80C 3700/2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
B80C 3700/2200 Datasheet PDF - Diotec Semiconductor

Part # B80C 3700/2200
Download  B80C 3700/2200 Click to download

File Size   108.0 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Bridge-Rectifiers

B80C 3700/2200 Datasheet (HTML) - Diotec Semiconductor


B80C 3700/2200 Product details

Silicon-Bridge-Rectifiers

• Nominal current                 2.7 / 2.2 A

• Alternating input voltage     40...500 V

• Plastic case                      32 x 5.6 x 17 [mm]

• Weight approx.                 9 g

• Plastic material has UL classification 94V-0

• Standard packaging bulk

• Mounting clamp BO2 — Befestigungsschelle BO2

• Recognized Product – Underwriters Laboratories Inc.® File E175067



 




Similar Part No. - B80C 3700/2200

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
B80C NJSEMI-B80C Datasheet
87Kb / 1P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
B80C1000 WTE-B80C1000 Datasheet
45Kb / 3P
1.0A BRIDGE RECTIFIER
B80C1000 WTE-B80C1000 Datasheet
46Kb / 4P
1.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
B80C1000G GE-B80C1000G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B80C1000G VISHAY-B80C1000G Datasheet
100Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
15-Apr-08
More results


Similar Description - B80C 3700/2200

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com